|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS The MC54/74HC245A is identical in pinout to the LS245. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. The HC245A is a 3-state noninverting transceiver that is used for 2-way asynchronous communication between data buses. The device has an active-low Output Enable pin, which is used to place the I/O ports into high-impedance states. The Direction control determines whether data flows from A to B or from B to A. * * * * * * Output Drive Capability: 15 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2 to 6 V Low Input Current: 1 A High Noise Immunity Characteristic of CMOS Devices In Compliance with the Requirements Defined by JEDEC Standard No. 7A * Chip Complexity: 308 FETs or 77 Equivalent Gates MC54/74HC245A J SUFFIX CERAMIC PACKAGE CASE 732-03 1 20 20 1 N SUFFIX PLASTIC PACKAGE CASE 738-03 20 1 DW SUFFIX SOIC PACKAGE CASE 751D-04 ORDERING INFORMATION MC54HCXXXAJ MC74HCXXXAN MC74HCXXXADW Ceramic Plastic SOIC LOGIC DIAGRAM A1 A2 A3 A DATA PORT A4 A5 A6 A7 A8 DIRECTION OUTPUT ENABLE 2 3 4 5 6 7 8 9 1 19 18 17 16 15 14 13 12 11 B1 B2 B3 B4 B5 B6 B7 B8 B DATA PORT DIRECTION A1 A2 A3 A4 A5 A6 A7 A8 GND PIN 10 = GND PIN 20 = VCC PIN ASSIGNMENT 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC OUTPUT ENABLE B1 B2 B3 B4 B5 B6 B7 B8 FUNCTION TABLE Control Inputs Output Enable L L H X = don't care Direction L H X Operation O i Data Transmitted from Bus B to Bus A Data Transmitted from Bus A to Bus B Buses Isolated (High-Impedance State) 2/97 (c) Motorola, Inc. 1997 1 REV 7 MC54/74HC245A III I I I I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II I II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I II I II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I I I I III I I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII III III I I II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIII I III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I IIIIIIII I I I I IIIIIIIIIIIIIIII III I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII MAXIMUM RATINGS* Symbol VCC Vin Iin VI/O II/O PD Parameter Value Unit V V DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) - 0.5 to + 7.0 - 0.5 to VCC + 0.5 20 35 75 750 500 DC Output Voltage (Referenced to GND) DC Input Current, per Pin - 0.5 to VCC + 0.5III V mA mA mA DC Output Current, per Pin ICC DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic or Ceramic DIP SOIC Package Storage Temperature mW Tstg TL - 65 to + 150 260 300 _C _C Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package) (Ceramic DIP) This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. v v * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C Ceramic DIP: - 10 mW/_C from 100_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). RECOMMENDED OPERATING CONDITIONS Symbol VCC TA Parameter Min 2.0 0 Max 6.0 Unit V V DC Supply Voltage (Referenced to GND) Vin, Vout tr, tf DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC - 55 0 0 0 + 125 1000 500 400 _C ns VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) Guaranteed Limit Symbol VIH Parameter Test Conditions VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0 3.0 4.5 6.0 2.0 4.5 6.0 3.0 4.5 6.0 - 55 to 25_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 v 85_C v 125_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 2.2 3.7 5.2 0.1 0.1 0.1 0.4 0.4 0.4 Unit V Minimum High-Level Input Voltage Vout = VCC - 0.1 V |Iout| 20 A v v v VIL Maximum Low-Level Input Voltage Vout = 0.1 V |Iout| 20 A V VOH Minimum High-Level Output Voltage Vin = VIH |Iout| 20 A Vin = VIH V |Iout| |Iout| |Iout| v 2.4 mA v 6.0 mA v 7.8 mA v 2.4 mA v 6.0 mA v 7.8 mA 2.48 3.98 5.48 0.1 0.1 0.1 2.34 3.84 5.34 0.1 0.1 0.1 VOL Maximum Low-Level Output Voltage Vin = VIL |Iout| 20 A v V Vin = VIL |Iout| |Iout| |Iout| 0.26 0.26 0.26 0.33 0.33 0.33 MOTOROLA 2 High-Speed CMOS Logic Data DL129 -- Rev 6 MC54/74HC245A DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I I III I I I I IIIIIII IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIII I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I I Guaranteed Limit Symbol Iin IOZ Parameter Test Conditions VCC V 6.0 6.0 - 55 to 25_C 0.1 0.5 v 85_C v 125_C 1.0 5.0 1.0 10 Unit A A Maximum Input Leakage Current Maximum Three-State Leakage Current Maximum Quiescent Supply Current (per Package) ICC Vin = VCC or GND Output in High-Impedance State Vin = VIL or VIH Vout = VCC or GND Vin = VCC or GND Iout = 0 A 6.0 4.0 40 160 A NOTE: Information on typical parametric values and high frequency or heavy load considerations can be found in Chapter 2 of the Motorola High- Speed CMOS Data Book (DL129/D). AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns) Guaranteed Limit IIIIIIIII I I III I I I IIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I II I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I II I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I III I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I Symbol S bl tPLH, tPHL Parameter P VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 -- -- - 55 to 25_C 75 55 15 13 v 85_C v 125_C 95 70 19 16 110 80 22 19 Unit Ui ns Maximum Propagation Delay, A to B, B to A (Figures 1 and 3) tPLZ, tPHZ Maximum Propagation Delay, Direction or Output Enable to A or B (Figures 2 and 4) 110 90 22 19 110 90 22 19 60 23 12 10 10 15 140 110 28 24 140 110 28 24 75 27 15 13 10 15 165 130 33 28 165 130 33 28 90 32 18 15 10 15 ns tPZL, tPZH Maximum Propagation Delay, Output Enable to A or B (Figures 2 and 4) ns tTLH, tTHL Maximum Output Transition Time, Any Output (Figures 1 and 3) ns Cin Maximum Input Capacitance (Pin 1 or Pin 19) Maximum Three-State I/O Capacitance (I/O in High-Impedance State) pF pF Cout NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High- Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V 40 CPD Power Di i i C P Dissipation Capacitance (P T i (Per Transceiver Ch i Channel)* l)* pF F * Used to determine the no-load dynamic power consumption: P D = C PD V CC 2 f + I CC V CC . For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). High-Speed CMOS Logic Data DL129 -- Rev 6 3 MOTOROLA MC54/74HC245A SWITCHING WAVEFORMS VCC DIRECTION 50% GND VCC tr INPUT A OR B tPLH OUTPUT B OR A tTLH 90% 50% 10% tTHL 90% 50% 10% tPHL tf VCC GND A OR B OUTPUT ENABLE 50% GND tPZL 50% tPZH A OR B 50% tPHZ 10% 90% tPLZ HIGH IMPEDANCE VOL VOH HIGH IMPEDANCE Figure 1. Figure 2. TEST CIRCUITS TEST POINT OUTPUT DEVICE UNDER TEST DEVICE UNDER TEST TEST POINT OUTPUT 1 k CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH. CL* CL* * Includes all probe and jig capacitance * Includes all probe and jig capacitance Figure 3. Figure 4. MOTOROLA 4 High-Speed CMOS Logic Data DL129 -- Rev 6 MC54/74HC245A EXPANDED LOGIC DIAGRAM A1 2 18 3 17 4 16 5 15 6 14 7 13 8 12 9 11 B8 B7 B6 B5 B4 B DATA PORT B3 B2 B1 A2 A3 A4 A DATA PORT A5 A6 A7 A8 DIRECTION 1 OUTPUT ENABLE 19 High-Speed CMOS Logic Data DL129 -- Rev 6 5 MOTOROLA MC54/74HC245A OUTLINE DIMENSIONS J SUFFIX CERAMIC PACKAGE CASE 732-03 ISSUE E B A F C L DIM A B C D F G H J K L M N NOTES: 1. LEADS WITHIN 0.25 (0.010) DIAMETER, TRUE POSITION AT SEATING PLANE, AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSIONS A AND B INCLUDE MENISCUS. MILLIMETERS MIN MAX 23.88 25.15 6.60 7.49 3.81 5.08 0.38 0.56 1.40 1.65 2.54 BSC 0.51 1.27 0.20 0.30 3.18 4.06 7.62 BSC 0_ 15 _ 0.25 1.02 INCHES MIN MAX 0.940 0.990 0.260 0.295 0.150 0.200 0.015 0.022 0.055 0.065 0.100 BSC 0.020 0.050 0.008 0.012 0.125 0.160 0.300 BSC 0_ 15_ 0.010 0.040 20 1 11 10 N H D SEATING PLANE G K J M -A- 20 11 N SUFFIX PLASTIC PACKAGE CASE 738-03 ISSUE E B 1 10 C L NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. INCHES MIN MAX 1.010 1.070 0.240 0.260 0.150 0.180 0.015 0.022 0.050 BSC 0.050 0.070 0.100 BSC 0.008 0.015 0.110 0.140 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 25.66 27.17 6.10 6.60 3.81 4.57 0.39 0.55 1.27 BSC 1.27 1.77 2.54 BSC 0.21 0.38 2.80 3.55 7.62 BSC 0_ 15_ 0.51 1.01 -T- SEATING PLANE K M E G F D 20 PL N J 0.25 (0.010) M 20 PL 0.25 (0.010) TA M M TB M DIM A B C D E F G J K L M N -A- 20 11 DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E 10X -B- 1 10 P 0.010 (0.25) M B M NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029 20X D M 0.010 (0.25) TA S B J S F R X 45 _ C -T- 18X SEATING PLANE G K M MOTOROLA 6 High-Speed CMOS Logic Data DL129 -- Rev 6 MC54/74HC245A Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://www.mot.com/SPS/ High-Speed CMOS Logic Data DL129 -- Rev 6 7 MC74HC245A/D MOTOROLA |
Price & Availability of MC54-74HC245A |